Part Number Hot Search : 
2SC3467E HD6417 P560010 DC100 GAL16 4HCT7 NJU6467 B120NF
Product Description
Full Text Search
 

To Download PDB-C203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blue Enhanced Quad-Cell Silicon Photodiode PDB-C203
PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm]
.168 [4.27] .075 [1.91] 5X O.018 [0.46] 1 O.330 [8.38] O.320 [8.13] O.200 [5.08] PIN CIRCLE 4 CHIP PERIMETER .010 [0.25] MAX GLASS ABOVE CAP TOP EDGE O .362 [9.19] O .357 [9.07] 5X .50 [12.7] MIN ANODE CELL B 4 1 5 ANODE CELL A 3 D A .005 [0.13] GAP .005 [0.13] GAP ANODE CELL C CASE GROUND & COMMON CATHODE 3 5 B A C D 2 45
70 VIEWING O.255 [6.48] ANGLE O.245 [6.22]
CHIP DIMENSIONS INCH [mm]
CHIP DIMENSIONS INCH [mm]
.150 [3.81] SQUARE C B
4X .050 [1.27] ACTIVE AREA 4X .050 [1.27] ACTIVE AREA
TO-46 PACKAGE CELL D 2 ANODE
SCHEMATIC
TO-5 PACKAGE
FEATURES
* * * * Low capacitance Blue enhanced High speed Low dark current
DESCRIPTION
The PDB-C203 is a blue enhanced quad-cell silicon photodiode used for nulling, centering, or measuring small positional changes packaged in a hermetic TO5 metal package.
0.80 Responsivity (A/W) 0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 250 300 350
APPLICATIONS
* Emitter Alignment * Position sensing * Medical and Industrial
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL VBR TSTG TO TS PARAMETER Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -55 -40 MIN MAX 100 +150 +125 +240 UNITS V C C C
SPECTRAL RESPONSE
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
Wavelength (nm)
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL ISC ID RSH CJ lrange VBR NEP tr CHARACTERISTIC Short Circuit Current Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS H = 100 fc, 2850 K VR = 5V VR = 10 mV VR =10 V, f = 1 MHz Spot Scan I = 10 A VR = 0V @ l=Peak RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 30 250 350 50 TYP 50 0.5 500 8 75 8.5x10-15 190 13 MAX 1.0 UNITS A nA M pF nm V W/ Hz nS
1100
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
Advanced Photonix Inc. 1240 Avenida Acaso, Camarillo CA 93012 * Phone (805) 987-0146 * Fax (805) 484-9935 * www.advancedphotonix.com
1150
* 1/16 inch from case for 3 seconds max.


▲Up To Search▲   

 
Price & Availability of PDB-C203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X